Part Number Hot Search : 
96SA20TA CER3010 ST6020A 357NT ADP3300 SDL400 LLSD101C NDS8858H
Product Description
Full Text Search
 

To Download 1SMC90A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMC5.0A THRU 1SMC170A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR 1SMC5.0A Series types are Surface Mount Uni-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Bi-directional devices, please refer to the 1SMC5.0CA Series data sheet. MARKING CODE: SEE ELECTRICAL CHARACTERISTICS TABLE
SYMBOL PDM IFSM TJ, Tstg UNITS W A C
SMC CASE
* This series is UL listed, UL file number E130224
MAXIMUM RATINGS: (TA=25C unless otherwise noted) Peak Power Dissipation (Note 1) Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature
1500 200 -65 to +150
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted)
REVERSE STAND-OFF VOLTAGE VRWM (V) 1SMC5.0A 1SMC6.0A 1SMC6.5A 1SMC7.0A 1SMC7.5A 1SMC8.0A 1SMC8.5A 1SMC9.0A 1SMC10A 1SMC11A 1SMC12A 1SMC13A 1SMC14A 1SMC15A 1SMC16A 1SMC17A 1SMC18A 1SMC20A 1SMC22A 1SMC24A 1SMC26A 1SMC28A 1SMC30A 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 BREAKDOWN VOLTAGE VBR @ MIN (V) 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 IT MAX (V) 7.25 7.67 8.30 8.95 9.58 10.23 10.82 11.5 12.8 14 15.3 16.5 17.9 19.2 20.5 21.7 23.3 25.5 28 30.7 33.2 35.8 38.3 IT (mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 1000 1000 500 200 100 50 20 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM CLAMPING VOLTAGE @ IPP VC (V) 9.2 10.3 11.2 12 12.9 13.6 14.4 15.4 17 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 PEAK PULSE CURRENT (Note 1) IPP (A) 163 145.6 133.9 125 116.3 110.3 104.2 97.4 88.2 82.4 75.3 69.7 64.7 61.5 57.7 53.3 51.4 46.3 42.2 38.6 35.6 33 31 CGDE CGDG CGDK CGDM CGDP CGDR CGDT CGDV CGDX CGDZ CGEE CGEG CGEK CGEM CGEP CGER CGET CGEV CGEX CGEZ CGFE CGFG CGFK
TYPE
MARKING CODE
Notes: (1) Non-repetitive 10x1,000s pulse.
R5 (20-November 2009)
1SMC5.0A THRU 1SMC170A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
ELECTRICAL CHARACTERISTICS - Continued:
REVERSE STAND-OFF VOLTAGE VRWM (V) 1SMC33A 1SMC36A 1SMC40A 1SMC43A 1SMC45A 1SMC48A 1SMC51A 1SMC54A 1SMC58A 1SMC60A 1SMC64A 1SMC70A 1SMC75A 1SMC78A 1SMC85A 1SMC90A 1SMC100A 1SMC110A 1SMC120A 1SMC130A 1SMC150A 1SMC160A 1SMC170A 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 BREAKDOWN VOLTAGE VBR @ MIN (V) 36.7 40 44.4 47.8 50 53.3 56.7 60 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189 IT MAX (V) 42.2 46 51.1 54.9 57.5 61.3 65.2 69 74.1 76.7 81.8 89.5 95.8 99.7 108.2 115.5 128 140.5 153 165.5 192.5 205 217.5 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM CLAMPING VOLTAGE @ IPP VC (V) 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275 PEAK PULSE CURRENT (Note 1) IPP (A) 28.1 25.8 23.2 21.6 20.6 19.4 18.2 17.2 16 15.5 14.6 13.3 12.4 11.4 10.4 10.3 9.3 8.4 7.9 7.2 6.2 5.8 5.5 CGFM CGFP CGFR CGFT CGFV CGFX CGFZ CGGE CGGG CGGK CGGM CGGP CGGR CGGT CGGV CGGX CGGZ CGHE CGHG CGHK CGHM CGHP CGHR
TYPE
MARKING CODE
SMC CASE - MECHANICAL OUTLINE
R5 (20-November 2009)
w w w. c e n t r a l s e m i . c o m
1SMC5.0A THRU 1SMC170A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
TYPICAL ELECTRICAL CHARACTERISTICS
R5 (20-November 2009)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of 1SMC90A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X